Part Number Hot Search : 
38001 PTZ27B SUFA4003 MM1564A ALVCH16 00260 ISD4002 C62PH
Product Description
Full Text Search
 

To Download 304-11-110-41-780000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?product?number:?304-11-110-41-780000 description: interconnect socket solderless press-fit socket accepts .015"- .025" (0,38 - 0,635 mm) dia leads single row through hole plating?code: 11 shell?plating: 10 " gold over 100 " nickel inner?contact?plating: 10 " gold over 50 " nickel # of pins mill-max part number rohs compliant 10 304- 11 -110-41-780000 ?contact: contact used: #30, standard 4 finger contact current?rating?= 3 amps beryllium?copper?alloy 172 (uns c17200) per astm b 194 properties?of?beryllium?copper: chemical composition: cu 98.1%, be 1.9% temper as stamped: td01 properties after heat treatment (th01): hardness: 36-43 rockwell c mechanical life: 1000 cycles min. density: .298 lbs/in3 electrical conductivity: 22% iacs* resistance: 10 miliohms max operating temperature: -55c/+125c melting point: 980c/865c (liquidus/solidus) stress relaxation?: 96% of stress remains after 1,000 hours @ 100 c; 70% of stress remains after 1,000 hours @ 200 c *international annealed copper standard, i.e. as a % of pure copper. ?since becu loses its spring properties over time at high temperatures; it is rated for continuous use up to 150c. for applications up to 300c, mill-max offers many contacts in beryllium nickel. contact tech support for more info. mill-max mfg. corp. datasheet last modified 3/28/2018 page 1 of 3
?loose?pin: pin used: 0478 (brass alloy) brass?alloy 360 per astm b 16, or 385 per astm b455 properties?of?brass?alloy?360?astm?b?16: chemical composition: cu 63% (max), pb 3.7% (max)?, fe .35% (max), zn remainder temper as machined: h02/h04 yield strength: 25-45 ksi tensile strength: 57-80 ksi hardness as machined: 80-90 rockwell b electrical conductivity: 26% iacs* melting point: 1000c/840c (liquidus/solidus) properties?of?brass?alloy?385?astm?b?455: chemical composition: cu 60% (max), pb 3.5% (max)?, fe .35% (max), zn remainder temper as machined: h02/h04 yield strength: 16 ksi(min) tensile strength: 48 ksi(min) hardness as machined: 80-90 rockwell b electrical conductivity: 28% iacs* melting point: 1000c/840c (liquidus/solidus) after machining, brass parts are often annealed (softened) for subsequent bending, swaging or crimping. a partial anneal down to 6010 rb is recommended for 90 bends, a full anneal down to 3515 rb is recommended for pins or terminals that are swaged (riveted) to a circuit board or crimped to a wire. ?rohs-2 directive 2011/65/eu, exemption 6c allows up to 4% lead as an alloy agent in copper. *international annealed copper standard, i.e. as a % of pure copper. ?insulator?information: pct polyester, (thermx cg933, black) high temperature properties?of?pct?polyester: brand: thermx grade: cg-933 rated voltage: 100 vrms/150 vdc insulation resistance: 10,000 megaohms min. material heat deflection temp (per astm d 648): 529f (276c) @ 66 psi dielectric strength: 1000 vrms min. (700 vrms min. for series 117 shrink dip) note: materials above 446f (230c) are considered suitable for "eutectic" reflow soldering, above 500f (260c) for "lead-free" reflow soldering. certificate?of?compliance: this is to certify that the product described above is manufactured to mill-max quality standards in accordance with all applicable specifications and drawing. mill-max certifies this product to be free from defects of materials and workmanship. this certificate of compliance covers the following requirements: dimensional (all features verified to be within tolerances described on the applicable drawing). raw material (materials and properties verified to be as described on the applicable drawing). plating (platings as required, thickness verified, and performance including solderability per mil-standard). performance (insertion extraction or other force requirements as described on the applicable drawing). mill-max mfg. corp. datasheet last modified 3/28/2018 page 2 of 3
compliance?statement?for?rohs?and?rohs-2,? on?the?restriction?of?the?use?of?certain?hazardous?substances?in?electrical? and?electronic?equipment,?for?mill-max?products. 1. directive 2015/863/eu of 31 march 2015 amending annex ii to directive 2011/65/eu of the european parliament and of the council as regards the list of restricted substances. 2. directive 2011/65/eu of the european parliament and of the council of 8 june 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (recast) 3. directive 2002/95/ec of the european parliament and of the council of january 27 2003 on the restriction of the use of certain hazardous substances in electrical and electronic equipment. in reference to the directives described above, mill-max mfg.corp. certifies that its product labeled as rohs and rohs-2 are compliant to the above directives with exemption 6c, (copper alloy containing up to 4 % lead by weight). no warranty or liability of indemnification is expressed or implied with this information. compliance?statement?for?registration,?evaluation,?authorization?and?restriction?of?chemicals?(reach)? reference: 1. regulation ec no 1907/2006 of the european parliament and of the council of 18 december 2006, concerning the registration, evaluation, authorization and restriction of chemicals (reach) 2. echa, candidate list of substances of very high concern (svhc) http://echa.europa.eu/reach_en.asp mill-max is aware of the regulation and the svhc list the eu published (referenced above). mill-max does not produce or sell any of the listed substances in their homogeneous form. these substances are not intentionally added during the manufacturing of any mill-max products. to our knowledge, our products do not contain the substances described on the echa svhc list. testing is not performed for materials and substances that were not intentionally added. no warranty, liability of indemnification is expressed or implied with this information. mill-max maintains surveillance of the echa website to obtain the latest information and periodically reviews the svhc list for changes and additions. compliance?statement?for?drc?conflict?free?products.? reference: dodd-frank wall street reform and consumer protection act, section 1502, reporting requirements for users of conflict minerals. conflict minerals, are columbite-tantalite (coltan), cassiterite, gold, wolframite, or their derivatives; or any other mineral or its derivatives determined by the secretary of state to be financing conflict in the democratic republic of the congo (drc) or an adjoining country. metals derived from these minerals are tin, tantalum, tungsten, and gold. by this definition, the only minerals of concern that may be found in mill-max products are tin and gold. mill-max mfg.corp. hereby certifies that its products are manufactured with tin and gold that is derived from material that is considered drc conflict free. mill-max provides this assurance as a result of a due diligence process that includes traceability to the source and in some cases the identification of recycled and scrap materials included in the subject material. mill-max mfg. corp. datasheet last modified 3/28/2018 page 3 of 3


▲Up To Search▲   

 
Price & Availability of 304-11-110-41-780000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X